Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC314 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC314
Description  GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC314 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC314 Datasheet HTML 1Page - Hittite Microwave Corporation HMC314 Datasheet HTML 2Page - Hittite Microwave Corporation HMC314 Datasheet HTML 3Page - Hittite Microwave Corporation HMC314 Datasheet HTML 4Page - Hittite Microwave Corporation HMC314 Datasheet HTML 5Page - Hittite Microwave Corporation HMC314 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
8 - 75
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
-25
-20
-15
-10
-5
0
5
10
15
20
01
234
567
S11
S21
S22
FREQUENCY (GHz)
0
5
10
15
20
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+ 25 C
+ 65 C
- 40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+ 25 C
+ 65 C
- 40 C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+ 25 C
+ 65 C
- 40 C
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+ 25 C
+ 65 C
- 40 C
FREQUENCY (GHz)
HMC314
Output Return Loss vs. Temperature
v02.0802
Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
GaAs InGaP HBT MMIC DRIVER
AMPLIFIER, 0.7 - 4.0 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com