Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC398QS16G Datasheet (PDF) - Hittite Microwave Corporation

HMC398QS16G Datasheet PDF - Hittite Microwave Corporation
Part # HMC398QS16G
Download  HMC398QS16G Download
File Size   287.43 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz

HMC398QS16G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC398QS16G Datasheet PDF - Hittite Microwave Corporation

Part # HMC398QS16G
Download  HMC398QS16G Click to download

File Size   287.43 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz

HMC398QS16G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC398QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC398QS16G HITTITE-HMC398QS16G Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16GE HITTITE-HMC398QS16GE Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
More results


Similar Description - HMC398QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC401QS16G HITTITE-HMC401QS16G_06 Datasheet
423Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com