Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC398QS16G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC398QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC398QS16G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC398QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
15 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
HMC398QS16G
Ku-Band MMIC VCO with
DIVIDE-BY-8, 14.0 - 15.0 GHz
v01.0302
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and backside ground slug should be connected
directly to the ground plane similar to that shown. A
sufficient number of via holes should be used to con-
nect the top and bottom ground planes. The evalua-
tion circuit board shown is available from Hittite upon
request.
Evaluation PCB
List of Materials
Item
Description
J1 - J4
PC Mount SMA RF Connector
J5 - J6
2 mm DC Header
C1 - C2
10 µF Tantalum Capacitor
C3 - C6
1,000 pF Capacitor 0402 Pkg.
U1
HMC398QS16G VCO
PCB*
104436 Eval Board
* Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com