Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC398QS16G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC398QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC398QS16G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC398QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC398QS16G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
15 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
HMC398QS16G
Ku-Band MMIC VCO with
DIVIDE-BY-8, 14.0 - 15.0 GHz
v01.0302
General Description
Features
Functional Diagram
The HMC398QS16G is a single chip GaAs
InGaP Heterojunction Bipolar Transistor (HBT)
MMIC VCO. The HMC398QS16G integrates a
resonator, negative resistance device, varac-
tor diode and divide-by-8 prescaler. The VCO’s
phase noise performance is excellent over tem-
perature, shock, and process due to the oscilla-
tor’s monolithic structure. Power output is +7 dBm
typical from a 5V supply voltage. The voltage
controlled oscillator is packaged in a low cost,
surface mount 16 leaded QSOP package with
an exposed base for improved RF and thermal
performance. The HMC398QS16G requires no
external components
Pout: +7 dBm
Phase Noise: -105 dBc/Hz @100 KHz Typ.
No External Resonator Needed
Single Supply: 5V @ 325 mA
QSOP16G SMT Package
Typical Applications
Low noise MMIC VCO w/Divide-by-8
for Ku-Band applications such as:
• Pt to Pt Radios
• Multi-Pt Radios / LMDS
• VSAT
Electrical Specifications, T
A = +25° C, Vcc1, Vcc2 = +5.0V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
14.0 - 15.0
GHz
Power Output
RF Output
Divided Output
+3
-9
+7
-6
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-105
dBc/Hz
Tune Voltage
Vtune
1.0
10.0
V
Supply Current
Icc 1 (Digital)
Icc 2 (RF)
65
260
mA
mA
Tune Port Leakage Current (Vtune= 10V)
10
µA
Output Return Loss
2dB
Harmonics/Subharmonics
1/2
3/2
2nd
5/2
-20
-30
-12
-40
dBc
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
4
MHz pp
Pushing @ Vtune= 5V
30
MHz/V
Frequency Drift Rate
1.5
MHz/°C


Similar Part No. - HMC398QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC398QS16G HITTITE-HMC398QS16G Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16GE HITTITE-HMC398QS16GE Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
More results

Similar Description - HMC398QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC401QS16G HITTITE-HMC401QS16G_06 Datasheet
423Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com