Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS100B-3 Datasheet (PDF) - DENSEI-LAMBDA

VS100B-3 Datasheet PDF - DENSEI-LAMBDA
Part # VS100B-3
Download  VS100B-3 Download
File Size   234.07 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 10W~150W?

VS100B-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS100B-3 Datasheet PDF - DENSEI-LAMBDA

Part # VS100B-3
Download  VS100B-3 Click to download

File Size   234.07 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 10W~150W?

VS100B-3 Datasheet (HTML) - DENSEI-LAMBDA


VS100B-3 Product details

Features
● marking (Low Voltage Directive)
● Input: 100VAC(85~132VAC)
● Single Output:10W,15W,30W,50W,75W,100W,150W
● Low Cost
● PCB Type Power Supply
● Applicable to various use; Game, Printer & Communication Terminal Units
● 2 year warranty




Similar Part No. - VS100B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 30P
VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface
Version: 1.52, 2022-01-11
VS1000 VLSI-VS1000 Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
VS1000-MOD VLSI-VS1000-MOD Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
MPEG AUDIO CODEC
More results


Similar Description - VS100B-3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
Single output 10W~150W?
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S Datasheet
590Kb / 2P
10W DC-DCRegulated Single Output
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
150W Single Output Switching Power Supply
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
150W Single Output with PFC Function
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
Single Output 150W - 240W
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
Single Output 15W 節?150W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com