Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB42ZME Datasheet (PDF) - Pericom Semiconductor Corporation

PI3USB42ZME Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3USB42ZME
Download  PI3USB42ZME Download
File Size   496.9 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection

PI3USB42ZME Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB42ZME Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3USB42ZME
Download  PI3USB42ZME Click to download

File Size   496.9 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection

PI3USB42ZME Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI3USB42ZME

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Diodes Incorporated
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DQ1ZUAEX DIODES-PI3USB4000DQ1ZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
More results


Similar Description - PI3USB42ZME

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com