Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB42ZME Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB42ZME
Description  USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB42ZME Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB42ZME Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB42ZME Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
2011-11-0004
PT0378-1
8/26/11
1
PI3USB42
Features
•
USB 2.0 compliant (high speed and full speed)
•
RON is 4.0
typical @ VDD = 3.0V
•
Low bit-to-bit skew
•
Low Crosstalk: -41dB @ 240 MHz
•
Off Isolation: -37dB @ 240 MHz
•
Wide -3db bandwidth: 770MHz
•
Near-Zero propagation delay: 250ps
•
Support for 1.8V/2.5V/3.3V Logic on Control pins
•
Channel On Capacitance: 6.0pF
•
VDD Operating Range: 1.8V to 4.3V ±10%
•
Data pin I/O ESD: >8kV HBM protection per
JESD22-A114D specification
•
I/O pins have over-voltage protection and can
tolerate a short to Vbus
•
Packaging (Pb-free & Green): 10-pin UQFN (ZM10)
Applications
•
Route signals for USB 2.0
•
Cell phone, PDA, Digital camera and Notebook
•
LCD Monitor ,TV, Set-top box
•
Portable device
Pin Description
Pin No
Pin
Name
Description
1
D+
USB Data bus
2
D-
USB Data bus
3
GND
Ground
4
D-A
Multiplexed Source Inputs
5
D+A
Multiplexed Source Inputs
6
D-B
Multiplexed Source Inputs
7
D+B
Multiplexed Source Inputs
8
/OE
Switch Enable
9
VDD
Positive Power Supply
10
SEL
Switch Select
Logic Function Table
/OE
SEL
Function
H
X
I/O’s = Hi-Z
L
L
D(+/-) to D(+/-)A
L
H
D(+/-) to D(+/-)B
Description
The PI3USB42 is a single differential channel 2:1
multiplexer/demultiplexer USB 2.0 Switch. Industry
leading advantages include a propagation delay of less
than 250ps, resulting from its low channel resistance and
I/O capacitance. The device multiplexes differential
outputs from a USB Host device to one of two
corresponding outputs. The switch is bidirectional and
offers little or no attenuation of the high-speed signals at
the outputs. It is designed for low bit-to-bit skew, high
channel-to-channel noise isolation and is compatible
with various standards, such as High Speed USB 2.0
(480 Mb/s).
The PI3USB42 offers overvoltage protection per the
USB2.0 specification. With the chip powered on or off,
all I/O pins can withstand a short to Vbus (5V +/-10%).
If VDD=0V, the I/Os can still have signals present, and
the signal will NOT leak through to VDD.
Functional Block Diagram
D-
SEL
D-A
D-B
D+
/OE
D+A
D+B
LOGIC
Pin Assignment


Similar Part No. - PI3USB42ZME

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Diodes Incorporated
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DQ1ZUAEX DIODES-PI3USB4000DQ1ZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
More results

Similar Description - PI3USB42ZME

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com