Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1K Datasheet (PDF) - Diotec Semiconductor

S1K Datasheet PDF - Diotec Semiconductor
Part # S1K
Download  S1K Download
File Size   165.32 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

S1K Datasheet (PDF)

Go To PDF Page Download Datasheet
S1K Datasheet PDF - Diotec Semiconductor

Part # S1K
Download  S1K Click to download

File Size   165.32 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Rectifiers

S1K Datasheet (HTML) - Diotec Semiconductor


S1K Product details

Features
   VRRM up to 2000 V Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   50/60 Hz Mains Rectification, Power Supplies, Polarity Protection Commercial grade 1)
  
Mechanical Data 1)
   Taped and reeled 7500 / 13“
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                MSL = 1




Similar Part No. - S1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1K PHILIPS-S1K Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1K SURGE-S1K Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1K TRSYS-S1K Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1K JGD-S1K Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
SM5400 DIOTEC-SM5400_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059_07 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com