Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3182 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC3182 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC3182
Download  2SC3182 Download
File Size   210.0 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SC3182 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3182 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC3182
Download  2SC3182 Click to download

File Size   210.0 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SC3182 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC3182 Product details

DESCRIPTION
• Low Collector Saturation Voltage-
   : VCE(sat)= 2.0V(Max.) @IC= 7A
• Good Linearity of hFE
• Complement to Type 2SA1265

APPLICATIONS
• Power amplifier applications
• Recommend for 70W high fidelity audio frequency
   amplifier output stage applications




Similar Part No. - 2SC3182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3182 TOSHIBA-2SC3182 Datasheet
91Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Savantic, Inc.
2SC3182 SAVANTIC-2SC3182 Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC3182 SAVANTIC-2SC3182 Datasheet
170Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3182 NJSEMI-2SC3182 Datasheet
134Kb / 2P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC3182

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3180 ISC-2SC3180 Datasheet
209Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB986 ISC-2SB986 Datasheet
111Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3834Y ISC-2SC3834Y Datasheet
593Kb / 3P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
2SD858 ISC-2SD858 Datasheet
135Kb / 2P
Good Linearity of hFE
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com