Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3834Y Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC3834Y Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC3834Y
Download  2SC3834Y Download
File Size   593.8 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SC3834Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3834Y Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC3834Y
Download  2SC3834Y Click to download

File Size   593.8 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SC3834Y Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC3834Y Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@ IC=3A
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 120V (Min)
• Good Linearity of hFE

APPLICATIONS
• Designed for use in humidifier , DC/DC converter and general purpose applications




Similar Part No. - 2SC3834Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
126Kb / 3P
SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3834 SAVANTIC-2SC3834 Datasheet
134Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3834 JMNIC-2SC3834 Datasheet
124Kb / 3P
Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
199Kb / 4P
SWITCH NPN TRANSISTOR
More results


Similar Description - 2SC3834Y

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3182 ISC-2SC3182 Datasheet
210Kb / 2P
Good Linearity of hFE
2SC3180 ISC-2SC3180 Datasheet
209Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB986 ISC-2SB986 Datasheet
111Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
2SD858 ISC-2SD858 Datasheet
135Kb / 2P
Good Linearity of hFE
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com