Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3834Y Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3834Y
Description  Good Linearity of hFE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3834Y Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3834Y Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3834Y Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3834Y Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC3834Y
DESCRIPTION
·Low Collector Saturation Voltage
: VCE(sat)= 0.5V(Max)@ IC=3A
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 120V (Min)
·Good Linearity of hFE
APPLICATIONS
·Designed for use in humidifier , DC/DC converter and
general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
200
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Pulse
14
A
IB
Base Current-Continuous
3
A
PC
Collector Power Dissipation
@ TC=25℃
50
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC3834Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
126Kb / 3P
SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3834 SAVANTIC-2SC3834 Datasheet
134Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3834 JMNIC-2SC3834 Datasheet
124Kb / 3P
Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC3834 UTC-2SC3834 Datasheet
199Kb / 4P
SWITCH NPN TRANSISTOR
More results

Similar Description - 2SC3834Y

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3182 ISC-2SC3182 Datasheet
210Kb / 2P
Good Linearity of hFE
2SC3180 ISC-2SC3180 Datasheet
209Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB986 ISC-2SB986 Datasheet
111Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1269 ISC-2SD1269 Datasheet
140Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
2SD858 ISC-2SD858 Datasheet
135Kb / 2P
Good Linearity of hFE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com