Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1269 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD1269 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD1269
Download  2SD1269 Download
File Size   140.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SD1269 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1269 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD1269
Download  2SD1269 Click to download

File Size   140.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Good Linearity of hFE

2SD1269 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD1269 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@ IC= 3A
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 80V (Min)
• Good Linearity of hFE
• Complement to Type 2SB944

APPLICATIONS
• Designed for power amplification.




Similar Part No. - 2SD1269

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power switching)
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
More results


Similar Description - 2SD1269

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3182 ISC-2SC3182 Datasheet
210Kb / 2P
Good Linearity of hFE
2SC3180 ISC-2SC3180 Datasheet
209Kb / 2P
Good Linearity of hFE
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
2SB986 ISC-2SB986 Datasheet
111Kb / 2P
Good Linearity of hFE
2SB981 ISC-2SB981 Datasheet
99Kb / 2P
Good Linearity of hFE
2SB813 ISC-2SB813 Datasheet
96Kb / 2P
Good Linearity of hFE
2SC3834Y ISC-2SC3834Y Datasheet
593Kb / 3P
Good Linearity of hFE
2SC3747 ISC-2SC3747 Datasheet
184Kb / 2P
Good Linearity of hFE
2SD1475 ISC-2SD1475 Datasheet
139Kb / 2P
Good Linearity of hFE
2SD858 ISC-2SD858 Datasheet
135Kb / 2P
Good Linearity of hFE
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com