Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448 Datasheet (PDF) - Yea Shin Technology Co., Ltd

MMBD4448 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MMBD4448
Download  MMBD4448 Download
File Size   474.91 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW

MMBD4448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4448 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MMBD4448
Download  MMBD4448 Click to download

File Size   474.91 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW

MMBD4448 Datasheet (HTML) - Yea Shin Technology Co., Ltd


MMBD4448 Product details

VOLTAGE: 75 Volts POWER: 250mW

FEATURES
  Fast switching Speed.
  Electrically ldentical to Standerd JEDEC
  High Conductance
  Surface Mount Package ldeally Suited for Automatic lnsertion.
  High temperature soldering : 260OC / 10 seconds at terminals
  Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448 PANJIT-MMBD4448 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4448 WTE-MMBD4448 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4448 JGD-MMBD4448 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
High Conductance Fast Diode
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. H-2
More results


Similar Description - MMBD4448

ManufacturerPart #DatasheetDescription
logo
Dc Components
DLM4148 DCCOM-DLM4148 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
logo
Pan Jit International I...
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
200mW Switching Diodes 75 Volts
logo
Yea Shin Technology Co....
MMBD4148 YEASHIN-MMBD4148 Datasheet
474Kb / 2P
SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
logo
Weitron Technology
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
SWITCHING DIODES 500m AMPERES 75 VOLTS
logo
Micro Commercial Compon...
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com