Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16BS Datasheet (PDF) - Weitron Technology

BAS16BS Datasheet PDF - Weitron Technology
Part # BAS16BS
Download  BAS16BS Download
File Size   900.4 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SWITCHING DIODES 500m AMPERES 75 VOLTS

BAS16BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16BS Datasheet PDF - Weitron Technology

Part # BAS16BS
Download  BAS16BS Click to download

File Size   900.4 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SWITCHING DIODES 500m AMPERES 75 VOLTS

BAS16BS Datasheet (HTML) - Weitron Technology




Similar Part No. - BAS16BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BAS16BS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
Dual IGBTMOD 75 Amperes/1200 Volts
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
logo
Micro Commercial Compon...
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
200mW Switching Diodes 75 Volts
logo
Weitron Technology
1SS400BS WEITRON-1SS400BS Datasheet
824Kb / 3P
SWITCHING DIODES 225m AMPERES 90 VOLTS
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
SWITCHING DIODES 100m AMPERES 90 VOLTS
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Micro Commercial Compon...
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com