Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400BS Datasheet (PDF) - Weitron Technology

1SS400BS Datasheet PDF - Weitron Technology
Part # 1SS400BS
Download  1SS400BS Download
File Size   824.45 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SWITCHING DIODES 225m AMPERES 90 VOLTS

1SS400BS Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS400BS Datasheet PDF - Weitron Technology

Part # 1SS400BS
Download  1SS400BS Click to download

File Size   824.45 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SWITCHING DIODES 225m AMPERES 90 VOLTS

1SS400BS Datasheet (HTML) - Weitron Technology




Similar Part No. - 1SS400BS

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
1SS400BS GWSEMI-1SS400BS Datasheet
275Kb / 3P
Fast Switching Diode
More results


Similar Description - 1SS400BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
logo
Powerex Power Semicondu...
PRXC770 POWEREX-PRXC770 Datasheet
224Kb / 4P
Fast Switching Thyristor 2100 Amperes 2000 Volts
logo
Weitron Technology
1SS356 WEITRON-1SS356 Datasheet
1Mb / 3P
Band Switching Diode 100m AMPERES 35 VOLTS
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
SWITCHING DIODES 100m AMPERES 90 VOLTS
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
SWITCHING DIODES 500m AMPERES 75 VOLTS
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
SMALL SIGNAL ZENER DIODES 225m WATTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com