Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9060S Datasheet (PDF) - Motorola, Inc

MRF9060S Datasheet PDF - Motorola, Inc
Part # MRF9060S
Download  MRF9060S Download
File Size   393.45 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

MRF9060S Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9060S Datasheet PDF - Motorola, Inc

Part # MRF9060S
Download  MRF9060S Click to download

File Size   393.45 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

MRF9060S Datasheet (HTML) - Motorola, Inc


MRF9060S Product details

The RF Sub–Micron MOSFET Line
RF Power Field Effect Transistors
N–Channel Enhancement–Mode Lateral MOSFETs

Designed for broadband commercial and industrial applications with frequencies up to 1.0 GHz. The high gain and broadband performance of these devices make them ideal for large–signal, common–source amplifier applications in 26 volt base station equipment.

• Typical Two–Tone Performance at 945 MHz, 26 Volts
   Output Power — 60 Watts PEP
   Power Gain — 17 dB
   Efficiency — 40%
   IMD — –31 dBc
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 945 MHz, 60 Watts CW Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.




Similar Part No. - MRF9060S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060 FREESCALE-MRF9060 Datasheet
237Kb / 12P
RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
237Kb / 12P
RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LSR1 FREESCALE-MRF9060LSR1 Datasheet
237Kb / 12P
RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
More results


Similar Description - MRF9060S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF18090A MOTOROLA-MRF18090A Datasheet
175Kb / 8P
1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
MRF9180 MOTOROLA-MRF9180 Datasheet
342Kb / 12P
880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com