Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC4573 Datasheet (PDF) - Epson Company

RTC4573 Datasheet PDF - Epson Company
Part # RTC4573
Download  RTC4573 Download
File Size   157.73 Kbytes
Page   12 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Serial RTC with Alarm and Timer

RTC4573 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTC4573 Datasheet PDF - Epson Company

Part # RTC4573
Download  RTC4573 Click to download

File Size   157.73 Kbytes
Page   12 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Serial RTC with Alarm and Timer

RTC4573 Datasheet (HTML) - Epson Company


RTC4573 Product details

Serial RTC with Alarm and Timer

• Built-in frequency adjusted 32.768KHz crystal oscillator
• Serial interface that can be controlled through three signal lines
• Week , Day , hour , and minute alarm interrupt functions
• Interval timer interrupt function that can be set with an interval ranging from 1/4096th of a second to 255minutes
• Dual dedicated interrupt outputs for software maskable alarms and for timers
• Functions that detect halting of crystal oscillation, and when the time is being updated
• Automatic leap year compensation function
• Wide interface voltage range, from 1.6 to 5.5V
• Wide timing voltage range, from 1.6 to 5.5V
• Low current consumption : 0.5mA/3V (typ.)
• Small SOP package suited for high-density mounting




Similar Part No. - RTC4573

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC4513 EPSON-RTC4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RTC4553 ETC-RTC4553 Datasheet
43Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Similar Description - RTC4573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
SERIAL ACCESS RTC WITH ALARMS
Oct-2002
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
DS1375 DALLAS-DS1375 Datasheet
315Kb / 11P
2-Wire Digital Input RTC with Alarm
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
Integrated RTC/Alarm and 64Kb FRAM
logo
Maxim Integrated Produc...
DS1375 MAXIM-DS1375 Datasheet
197Kb / 13P
I2C Digital Input RTC with Alarm
Rev 2; 9/08
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com