Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2105 Datasheet (PDF) - International Rectifier

IR2105 Datasheet PDF - International Rectifier
Part # IR2105
Download  IR2105 Download
File Size   134.88 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High Voltage, High Speed Power MOSFET and IGBT Driver

IR2105 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2105 Datasheet PDF - International Rectifier

Part # IR2105
Download  IR2105 Click to download

File Size   134.88 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High Voltage, High Speed Power MOSFET and IGBT Driver

IR2105 Datasheet (HTML) - International Rectifier


IR2105 Product details

Description
The IR2105 is a high voltage, high speed power MOSFET and IGBT driver with dependent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL outputs. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates from 10 to 600 volts.

Features
• Floating channel designed for bootstrap operation
    Fully operational to +600V
    Tolerant to negative transient voltage
    dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• 5V Schmitt-triggered input logic
• Cross-conduction prevention logic
• Internally set deadtime
• High side output in phase with input
• Match propagation delay for both channels




Similar Part No. - IR2105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2101 IRF-IR2101 Datasheet
396Kb / 6P
HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
209Kb / 15P
HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
138Kb / 13P
HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
HIGH AND LOW SIDE DRIVER Product Summary
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
HIGH AND LOW SIDE DRIVER
More results


Similar Description - IR2105

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
IXYS Corporation
IXSH35N120A IXYS-IXSH35N120A Datasheet
64Kb / 4P
High Voltage, High speed IGBT
logo
Semtech Corporation
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
high speed syncronous power mosfet driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
AiT Semiconductor Inc.
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com