Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet (PDF) - Clare, Inc.

IX2127 Datasheet PDF - Clare, Inc.
Part # IX2127
Download  IX2127 Download
File Size   1370.21 Kbytes
Page   11 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description High-Voltage Power MOSFET & IGBT Driver

IX2127 Datasheet (PDF)

Go To PDF Page Download Datasheet
IX2127 Datasheet PDF - Clare, Inc.

Part # IX2127
Download  IX2127 Click to download

File Size   1370.21 Kbytes
Page   11 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description High-Voltage Power MOSFET & IGBT Driver

IX2127 Datasheet (HTML) - Clare, Inc.


IX2127 Product details

Description

The IX2127 is a high-voltage, high-speed power MOSFET and IGBT driver. High-voltage level-shift circuitry enables this device to operate up to 600V. Clare’s proprietary common-mode design techniques provide stable operation in high dV/dt noise environments.



Features

• Floating Channel Designed for Bootstrap Operation up to 600V

• Tolerant to Negative Transient Voltages; dV/dt Immune

• Undervoltage Lockout

• 3.3V, 5V, and 12V Input Logic Compatible

• Open-Drain FAULTIndicator Pin Shows Over-Current Shutdown

• Output in Phase with the Input



Applications

• High-Speed Gate Driver

• Motor Drive Inverter




Similar Part No. - IX2127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127G CLARE-IX2127G Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127G IXYS-IX2127G Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127N CLARE-IX2127N Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
More results


Similar Description - IX2127

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2105 IRF-IR2105 Datasheet
134Kb / 12P
High Voltage, High Speed Power MOSFET and IGBT Driver
logo
Semikron International
SKHI10 SEMIKRON-SKHI10 Datasheet
227Kb / 8P
High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_05 Datasheet
74Kb / 1P
High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_06 Datasheet
74Kb / 1P
High Power IGBT Driver
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
High Power IGBT Driver
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
SCALE High Voltage IGBT Driver
logo
Clare, Inc.
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com