Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 3 Page - Clare, Inc.

Part # IX2127
Description  High-Voltage Power MOSFET & IGBT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127 Datasheet(HTML) 3 Page - Clare, Inc.

  IX2127 Datasheet HTML 1Page - Clare, Inc. IX2127 Datasheet HTML 2Page - Clare, Inc. IX2127 Datasheet HTML 3Page - Clare, Inc. IX2127 Datasheet HTML 4Page - Clare, Inc. IX2127 Datasheet HTML 5Page - Clare, Inc. IX2127 Datasheet HTML 6Page - Clare, Inc. IX2127 Datasheet HTML 7Page - Clare, Inc. IX2127 Datasheet HTML 8Page - Clare, Inc. IX2127 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IX2127
R01
www.clare.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Unless otherwise specified, ratings are provided at TA=25°C and all bias levels are with respect to COM.
Absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1
2
3
4
5
6
7
8
V
CC
IN
COM
FAULT
V
B
HO
V
S
CS
Pin#
Name
Description
1
VCC
Logic Supply Voltage
2IN
Logic Input
3FAULT
Fault Indicator Output
4COM
Logic Ground
5
VS
High Side Return
6CS
Comparator Input,
Over-Current Detect
7HO
High Side Gate Drive Output
8
VB
High Side Supply Voltage
Parameter
Symbol
Minimum
Maximum
Units
Logic Supply Voltage
VCC
-0.3
15
V
High Side Floating Supply Voltage
VB
-0.3
625
High Side Floating Offset Voltage
VS
VB-12
VB+0.3
Logic Input Voltage
VIN
-0.3
VCC+0.3
High Side Floating Output Voltage
VHO
VS-0.3
VB+0.3
Current Sense Voltage
VCS
VS-0.3
VB+0.3
FAULT Output Voltage
VFLT
-0.3
VCC+0.3
Allowable Offset Supply Voltage Transient
dVS/dt
-50
V/ns
Package Power Dissipation
8-Lead DIP
PD
-1
W
8-Lead SOIC
-
0.625
Junction Temperature
TJ
-150
°C
Storage Temperature
TS
-55
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com