Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 4 Page - Clare, Inc.

Part # IX2127
Description  High-Voltage Power MOSFET & IGBT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127 Datasheet(HTML) 4 Page - Clare, Inc.

  IX2127 Datasheet HTML 1Page - Clare, Inc. IX2127 Datasheet HTML 2Page - Clare, Inc. IX2127 Datasheet HTML 3Page - Clare, Inc. IX2127 Datasheet HTML 4Page - Clare, Inc. IX2127 Datasheet HTML 5Page - Clare, Inc. IX2127 Datasheet HTML 6Page - Clare, Inc. IX2127 Datasheet HTML 7Page - Clare, Inc. IX2127 Datasheet HTML 8Page - Clare, Inc. IX2127 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IX2127
4
www.clare.com
R01
1.4 Recommended Operating Conditions
1.5 General Conditions
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for information purposes only and are not
part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications
are listed for TA=25°C.
1.6 Electrical Characteristics
Unless otherwise specified, the test conditions are: VCC=VBS=12V; VCC, IN, FAULT, and Leakage voltages and
currents are referenced to COM; VB, HO, and CS voltages and currents are referenced to VS .
1.6.1 Power Supply Specifications
1.6.2 Gate Drive and Shutdown Specifications
* RGATE value must be 20Ω or greater.
Parameter
Symbol
Minimum
Maximum
Units
Logic Supply
VCC
912
V
High Side Floating Supply
VB
VS+9
VS+12
High Side Offset Voltage
VS
-5
600
Logic Input Voltage
VIN
0
VCC
High Side Floating Output
VHO
VS
VB
Current Sense Signal Voltage
VCS
VS
VS+5
FAULT Output Voltage
VFLT
0
VCC
Ambient Temperature
TA
-40
+125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Quiescent VCC Supply Current
VIN=0V
IQCC
-280
400
μA
Quiescent VBS Supply Current
VIN=0V
IQBS
-
500
1000
VBS UVLO Positive-Going Threshold
-
VBS_UV+
6.8
7.7
8.6
V
VBS UVLO Negative-Going Threshold
-
VBS_UV-
6.3
7.2
8.1
Offset Supply Leakage Current
VB=VS=600V
ILKG
--
2
μA
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
High Level Output Voltage, VB-VHO
IHO=0A
VOH
--
100
mV
Low Level Output Voltage, VHO
IHO=0A
VOL
--
100
Output Short Circuit Pulsed Current
VHO=0V, VIN=5V, PW<10μs,
RGATE=20Ω* (see Figure 1)
IHO+
-200
-250
-
mA
VHO=12V, VIN=0V, PW<10μs,
RGATE=20Ω* (see Figure 1)
IHO-
420
500
-
CS Input, Positive-Going Threshold
VCC=9V to 12V
VCS_TH+
180
260
320
mV
“High” CS Bias Current
VCS=3V
ICS+
--
1
μA
VCS=0V
ICS-
--
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com