Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127 Datasheet(PDF) 1 Page - Clare, Inc.

Part # IX2127
Description  High-Voltage Power MOSFET & IGBT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127 Datasheet(HTML) 1 Page - Clare, Inc.

  IX2127 Datasheet HTML 1Page - Clare, Inc. IX2127 Datasheet HTML 2Page - Clare, Inc. IX2127 Datasheet HTML 3Page - Clare, Inc. IX2127 Datasheet HTML 4Page - Clare, Inc. IX2127 Datasheet HTML 5Page - Clare, Inc. IX2127 Datasheet HTML 6Page - Clare, Inc. IX2127 Datasheet HTML 7Page - Clare, Inc. IX2127 Datasheet HTML 8Page - Clare, Inc. IX2127 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RoHS
2002/95/EC
e3
Pb
DS-IX2127 - R01
www.clare.com
1
Driver Characteristics
Features
Floating Channel Designed for Bootstrap Operation
up to 600V
Tolerant to Negative Transient Voltages; dV/dt
Immune
Undervoltage Lockout
3.3V, 5V, and 12V Input Logic Compatible
Open-Drain FAULT Indicator Pin Shows
Over-Current Shutdown
Output in Phase with the Input
Applications
High-Speed Gate Driver
Motor Drive Inverter
Description
The IX2127 is a high-voltage, high-speed power
MOSFET and IGBT driver. High-voltage level-shift
circuitry enables this device to operate up to 600V.
Clare’s proprietary common-mode design techniques
provide stable operation in high dV/dt noise
environments.
An on-board comparator can be used to detect an
over-current condition in the driven MOSFET or IGBT
device, and then shut down drive to that device. An
open-drain output, FAULT, indicates that an
over-current shutdown has occurred.
The gate driver output typically can source 250mA
and sink 500mA, which is suitable for fluorescent lamp
ballast, motor control, SMPS, and other converter
drive topologies.
The IX2127 is provided in 8-pin DIP and 8-pin SOIC
packages, and is available in Tape & Reel versions.
See ordering information below.
Ordering Information
IX2127 Block Diagram
Parameter
Rating
Units
VOFFSET
600
V
IO +/- (Source/Sink)
250/500
mA
VCSth
250
mV
tON / tOFF (Typical)
100
ns
Part
Description
IX2127G
8-Pin DIP (50/Tube)
IX2127N
8-Pin SOIC (100/Tube)
IX2127NTR
8-Pin SOIC (2000/Reel)
V
CC
IN
FAULT
COM
V
B
HO
V
S
CS
Buffer
Comparator
Delay
Undervoltage Lockout
Data Latch
Transmitter
High-Low
Level Shift
Low-High
Level Shift
Receiver
Transmitter
Data Latch
Receiver
Low Side
High Side
QR
S
Enable
Enable
Blanking
Signal
+
_
V
CC
IX2127
High-Voltage Power MOSFET & IGBT Driver


Similar Part No. - IX2127

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127G CLARE-IX2127G Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127G IXYS-IX2127G Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127N CLARE-IX2127N Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2127

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2105 IRF-IR2105 Datasheet
134Kb / 12P
High Voltage, High Speed Power MOSFET and IGBT Driver
logo
Semikron International
SKHI10 SEMIKRON-SKHI10 Datasheet
227Kb / 8P
High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_05 Datasheet
74Kb / 1P
High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_06 Datasheet
74Kb / 1P
High Power IGBT Driver
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
High Power IGBT Driver
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
SCALE High Voltage IGBT Driver
logo
Clare, Inc.
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
Power MOSFET & IGBT Driver
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com