Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8705BYLF Datasheet (PDF) - Integrated Circuit Systems

ICS8705BYLF Datasheet PDF - Integrated Circuit Systems
Part # ICS8705BYLF
Download  ICS8705BYLF Download
File Size   293.42 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR

ICS8705BYLF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8705BYLF Datasheet PDF - Integrated Circuit Systems

Part # ICS8705BYLF
Download  ICS8705BYLF Click to download

File Size   293.42 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR

ICS8705BYLF Datasheet (HTML) - Integrated Circuit Systems


ICS8705BYLF Product details

GENERALDESCRIPTION

The ICS8705 is a highly versatile 1:8 Differen tial-to-LVCMOS/LVTTL Clock Generator and a member of the HiPerClockS™ family  of  High  Per formance Clock Solutions from ICS. The ICS8705 has two selectable clock inputs. The CLK1, nCLK1 pair can accept most standard differential input levels. The single ended CLK0 input accepts LVCMOS or LVTTL input levels.The ICS8705 has a fully integrated PLL and can be configured as zero delay buffer, multiplier or divider and has an input and output frequency range of 15.625MHz to 250MHz.



FEATURES

• 8 LVCMOS/LVTTL outputs, 7Ωtypical output impedance

• Selectable CLK1, nCLK1 or LVCMOS/LVTTL clock inputs

• CLK1, nCLK1 pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL

• CLK0 input accepts LVCMOS or LVTTL input levels

• Output frequency range: 15.625MHz to 250MHz

• Input frequency range: 15.625MHz to 250MHz

• VCO range: 250MHz to 500MHz

• External feedback for “zero delay” clock regeneration with configurable frequencies

• Programmable dividers allow for the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8

• Fully integrated PLL

• Cycle-to-cycle jitter: 45ps (maximum)

• Output skew: CLK0, 65ps (maximum)

                     CLK1, nCLK1, 55ps (maximum)

• Static Phase Offset: 25 ±125ps (maximum), CLK0

• Full 3.3V or 2.5V operating supply

• Lead-Free package available

• Industrial temperature information available upon request




Similar Part No. - ICS8705BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Similar Description - ICS8705BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com