Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8705BYLF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8705BYLF
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8705BYLF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8705BYLF Datasheet HTML 1Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 2Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 3Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 4Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 5Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 6Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 7Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
8705BY
www.icst.com/products/hiperclocks.html
REV. G JUNE 16, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS8705 is a highly versatile 1:8 Differen-
tial-to-LVCMOS/LVTTL Clock Generator and a
member of the HiPerClockS™family of High Per-
formance Clock Solutions from ICS. The ICS8705
has two selectable clock inputs. The CLK1,
nCLK1 pair can accept most standard differential input lev-
els. The single ended CLK0 input accepts LVCMOS or LVTTL
input levels.The ICS8705 has a fully integrated PLL and can
be configured as zero delay buffer, multiplier or divider and
has an input and output frequency range of 15.625MHz to
250MHz. The reference divider, feedback divider and output
divider are each programmable, thereby allowing for the fol-
lowing output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2,
1:4, 1:8. The external feedback allows the device to achieve
“zero delay” between the input clock and the output clocks.
The PLL_SEL pin can be used to bypass the PLL for system
test and debug purposes. In bypass mode, the reference clock
is routed around the PLL and into the internal output dividers.
FEATURES
• 8 LVCMOS/LVTTL outputs, 7
Ω typical output impedance
• Selectable CLK1, nCLK1 or LVCMOS/LVTTL clock inputs
• CLK1, nCLK1 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• CLK0 input accepts LVCMOS or LVTTL input levels
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: CLK0, 65ps (maximum)
CLK1, nCLK1, 55ps (maximum)
• Static Phase Offset: 25 ±125ps (maximum), CLK0
• Full 3.3V or 2.5V operating supply
• Lead-Free package available
• Industrial temperature information available upon request
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32-Lead LQFP
7mm x 7mm x 1.4 mm
Y Package
Top View
VDDO
Q5
GND
Q4
VDDO
Q3
GND
Q2
SEL0
SEL1
CLK0
nc
CLK1
nCLK1
CLK_SEL
MR
ICS8705
PLL_SEL
CLK0
CLK1
nCLK1
CLK_SEL
FB_IN
SEL0
SEL1
SEL2
SEL3
MR
0
1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
÷2, ÷4, ÷8, ÷16,
÷32
, ÷64, ÷128
0
1


Similar Part No. - ICS8705BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results

Similar Description - ICS8705BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com