Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8705BYLF Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS8705BYLF
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8705BYLF Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS8705BYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 10Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 11Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 12Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 13Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 14Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 15Page - Integrated Circuit Systems ICS8705BYLF Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
8705BY
www.icst.com/products/hiperclocks.html
REV. G JUNE 16, 2004
12
Integrated
Circuit
Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
C4
0.1uF
VDD
VDD
R4
1K
Zo = 50
VDD
R7
10 - 15
VDD
R2
43
RD1
Not Install
(U1-24)
(U1-32)
Logic Input Pin Examples
C3
0.1uF
R5
1K
C7
0.1uF
To Logic
Input
pins
(U1-9)
VDD
U1
ICS8705
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
SEL0
SEL1
CLK0
nc
CLK1
nCLK1
CLK_SEL
MR
Q2
GND
Q3
VDDO
Q4
GND
Q5
VDDO
VDD=3.3V or 2.5V
To Logic
Input
pins
R4
43
VDD
C16
10u
R1
43
C2
0.1uF
Zo = 50
Zo = 50
(U1-12)
(U1-16)
(U1-28)
SEL1
RU2
Not Install
VDDA
C1
0.1uF
Ro ~ 7 Ohm
Driv er_LVCMOS
(U1-20)
SEL0
C5
0.1uF
Set Logic
Input to
'1'
RU1
1K
Set Logic
Input to
'0'
C6
0.1uF
RD2
1K
C11
0.01u
LAYOUT GUIDELINE
The schematic of the ICS8705 layout example is shown in
Figure 4A. The ICS8705 recommended PCB board layout
for this example is shown in
Figure 4B. This layout example is
used as a general guideline. The layout in the actual system will
depend on the selected component types, the density of the
components, the density of the traces, and the stack up of the
P.C. board.
FIGURE 4A. ICS8705 LVCMOS CLOCK GENERATOR SCHEMATIC EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com