Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF132 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF132 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF132
Download  IRF132 Download
File Size   48.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF132 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF132 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF132
Download  IRF132 Click to download

File Size   48.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF132 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF132 Product details

DESCRIPTION
• Drain Current ID=12A@ TC=25℃
• Drain Source Voltage- : VDSS= 100V(Min)
• Static Drain-Source On-Resistance : RDS(on) =0.25Ω(Max)
• High Power,High Speed Applications

APPLICATIONS
• Switching power supplies
• UPS
• Motor controls
• High energy pulse circuits.




Similar Part No. - IRF132

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF132 SAMSUNG-IRF132 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF132 FAIRCHILD-IRF132 Datasheet
180Kb / 6P
N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Inchange Semiconductor ...
IRF1324 ISC-IRF1324 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1324LPBF IRF-IRF1324LPBF Datasheet
526Kb / 10P
HEXFET Power MOSFET
IRF1324PBF IRF-IRF1324PBF Datasheet
457Kb / 8P
HEXFETPower MOSFET
More results


Similar Description - IRF132

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF130 ISC-IRF130 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF133 ISC-IRF133 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF140 ISC-IRF140 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF141 ISC-IRF141 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF142 ISC-IRF142 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF143 ISC-IRF143 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF230 ISC-IRF230 Datasheet
65Kb / 2P
High Power, High Speed Applications
IRF231 ISC-IRF231 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF232 ISC-IRF232 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF233 ISC-IRF233 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com