Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF140 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF140 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF140
Download  IRF140 Download
File Size   48.3 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF140 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF140
Download  IRF140 Click to download

File Size   48.3 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF140 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF140 Product details

DESCRIPTION
• Drain Current ID=27A@ TC=25℃
• Drain Source Voltage- : VDSS= 100V(Min)
• Static Drain-Source On-Resistance : RDS(on) =0.085Ω(Max)
• High Power,High Speed Applications

APPLICATIONS
• Switching power supplies




Similar Part No. - IRF140

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF140 FAIRCHILD-IRF140 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF140 IRF-IRF140 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
More results


Similar Description - IRF140

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF130 ISC-IRF130 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF132 ISC-IRF132 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF133 ISC-IRF133 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF141 ISC-IRF141 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF142 ISC-IRF142 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF143 ISC-IRF143 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF230 ISC-IRF230 Datasheet
65Kb / 2P
High Power, High Speed Applications
IRF231 ISC-IRF231 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF232 ISC-IRF232 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF233 ISC-IRF233 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com