Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF132 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF132
Description  High Power,High Speed Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF132 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF132 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF132 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRF132
DESCRIPTION
·Drain Current ID=12A@ TC=25℃
·Drain Source Voltage-
: VDSS= 100V(Min)
·Static Drain-Source On-Resistance
: RDS(on) =0.25Ω(Max)
·High Power,High Speed Applications
APPLICATIONS
·Switching power supplies
·UPS
·Motor controls
·High energy pulse circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
12
A
Ptot
Total Dissipation@TC=25℃
75
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.67
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - IRF132

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF132 SAMSUNG-IRF132 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF132 FAIRCHILD-IRF132 Datasheet
180Kb / 6P
N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Inchange Semiconductor ...
IRF1324 ISC-IRF1324 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1324LPBF IRF-IRF1324LPBF Datasheet
526Kb / 10P
HEXFET Power MOSFET
IRF1324PBF IRF-IRF1324PBF Datasheet
457Kb / 8P
HEXFETPower MOSFET
More results

Similar Description - IRF132

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF130 ISC-IRF130 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF133 ISC-IRF133 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF140 ISC-IRF140 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF141 ISC-IRF141 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF142 ISC-IRF142 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF143 ISC-IRF143 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF230 ISC-IRF230 Datasheet
65Kb / 2P
High Power, High Speed Applications
IRF231 ISC-IRF231 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF232 ISC-IRF232 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF233 ISC-IRF233 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com