Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5641 Datasheet (PDF) - Analog Devices

AD5641 Datasheet PDF - Analog Devices
Part # AD5641
Download  AD5641 Download
File Size   572.55 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package

AD5641 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5641 Datasheet PDF - Analog Devices

Part # AD5641
Download  AD5641 Click to download

File Size   572.55 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package

AD5641 Datasheet (HTML) - Analog Devices


AD5641 Product details

GENERAL DESCRIPTION
The AD5641, a member of the nanoDAC® family, is a single, 14-bit, buffered, voltage-out DAC that operates from a single 2.7 V to 5.5 V supply, typically consuming 75 µA at 5 V. The part comes in tiny LFCSP and SC70 packages. Its on-chip precision output amplifier allows rail-to-rail output swing to be achieved.

FEATURES
    6-lead LFCSP and SC70 packages
    Micropower operation: 100 µA maximum at 5 V
    Power-down to typically 0.2 µA at 3 V
    Single 14-bit DAC
    B version: ±4 LSB INL
    A version: ±16 LSB INL
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to 0 V with brownout detection
    3 power-down functions
    Low power serial interface with Schmitt-triggered inputs
    On-chip output buffer amplifier, rail-to-rail operation
    SYNC interrupt facility

APPLICATIONS
    Voltage level setting
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources
    Programmable attenuators




Similar Part No. - AD5641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641ACPZ-REEL7 AD-AD5641ACPZ-REEL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641AKSZ-500RL7 AD-AD5641AKSZ-500RL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641AKSZ-REEL7 AD-AD5641AKSZ-REEL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641BKSZ AD-AD5641BKSZ Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
AD5641BKSZ-500RL7 AD-AD5641BKSZ-500RL7 Datasheet
504Kb / 20P
SPI Interface in LFCSP and SC70
REV. D
More results


Similar Description - AD5641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Oct-2004
AD5601 AD-AD5601 Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
AD5602 AD-AD5602 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com