Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5641 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5641
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641 Datasheet(HTML) 3 Page - Analog Devices

  AD5641 Datasheet HTML 1Page - Analog Devices AD5641 Datasheet HTML 2Page - Analog Devices AD5641 Datasheet HTML 3Page - Analog Devices AD5641 Datasheet HTML 4Page - Analog Devices AD5641 Datasheet HTML 5Page - Analog Devices AD5641 Datasheet HTML 6Page - Analog Devices AD5641 Datasheet HTML 7Page - Analog Devices AD5641 Datasheet HTML 8Page - Analog Devices AD5641 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD5641
Rev. PrC | Page 3 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
14
Bits
Relative Accuracy2
±4
LSB
B Grade
±8
LSB
A Grade
Differential Nonlinearity2
±1
LSB
Guaranteed monotonic by design
Zero Code Error
±0.2
mV
All 0s loaded to DAC register
Offset Error
±0.125
% of FSR
Full-Scale Error
±0.01
LSB
All 1s loaded to DAC register
Gain Error
±0.04
% of FSR
Zero Code Error Drift
5.0
µV/°C
Gain Temperature Coefficient
2.0
ppm of FSR/°C
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Output Voltage Settling Time
8
18
µs
Code ¼ to ¾
Slew Rate
0.5
V/µs
Capacitive Load Stability
470
pF
RL = ∞
1000
pF
RL = 2 kΩ
Output Noise Spectral Density
120
nV/Hz
DAC code = TBD, 10 kHz
Noise
TBD
DAC code = TBD, 0.1 Hz to 10 Hz bandwidth
Digital-to-Analog Glitch Impulse
10
nV-s
1 LSB change around major carry
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Short-Circuit Current
20
mA
VDD = 3 V/5 V
LOGIC INPUTS
Input Current
±1
µA
VINL, Input Low Voltage
0.8
V
VDD = 5 V
0.6
V
VDD = 2.7 V
VINH, Input High Voltage
1.8
V
VDD = 5 V
1.4
V
VDD = 2.7 V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
All digital inputs at 0 or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
100
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
70
µA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.2
1
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.05
1
µA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
TBD
%
ILOAD = 2 mA and VDD = ±5 V
1 Temperature ranges are as follows: B Version: –40°C to +125°C, typical at +25°C.
2 Linearity calculated using a reduced code range.
3 Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com