Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5641 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5641
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641 Datasheet(HTML) 2 Page - Analog Devices

  AD5641 Datasheet HTML 1Page - Analog Devices AD5641 Datasheet HTML 2Page - Analog Devices AD5641 Datasheet HTML 3Page - Analog Devices AD5641 Datasheet HTML 4Page - Analog Devices AD5641 Datasheet HTML 5Page - Analog Devices AD5641 Datasheet HTML 6Page - Analog Devices AD5641 Datasheet HTML 7Page - Analog Devices AD5641 Datasheet HTML 8Page - Analog Devices AD5641 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5641
Preliminary Technical Data
Rev. PrC | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function DescriptionS ............................ 6
Terminology ...................................................................................... 7
Typical Performance Characteristics ............................................. 8
General Description ....................................................................... 12
D/A Section................................................................................. 12
Resistor String ............................................................................. 12
Output Amplifier ........................................................................ 12
Serial Interface ............................................................................ 12
Input Shift Register .................................................................... 12
SYNC Interrupt .......................................................................... 13
Power-On Reset.......................................................................... 13
Power-Down Modes .................................................................. 13
Microprocessor Interfacing....................................................... 13
Applications..................................................................................... 15
Choosing a Reference as Power Supply for AD5641 ............. 15
Bipolar Operation Using the AD5641 ..................................... 15
Using AD5641 with an Opto-Isolated Interface..................... 16
Power Supply Bypassing and Grounding................................ 16
Outline Dimensions ....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
Revision PrC: Preliminary Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com