Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD138SWP Datasheet (PDF) - Jianghai Europe GmbH

CD138SWP Datasheet PDF - Jianghai Europe GmbH
Part # CD138SWP
Download  CD138SWP Download
File Size   683.63 Kbytes
Page   7 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 15000h at 85C

CD138SWP Datasheet (PDF)

Go To PDF Page Download Datasheet
CD138SWP Datasheet PDF - Jianghai Europe GmbH

Part # CD138SWP
Download  CD138SWP Click to download

File Size   683.63 Kbytes
Page   7 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 15000h at 85C

CD138SWP Datasheet (HTML) - Jianghai Europe GmbH




Similar Part No. - CD138SWP

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
More results


Similar Description - CD138SWP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS60A561KE550 KEMET-ALS60A561KE550 Datasheet
58Kb / 1P
Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C
logo
Jianghai Europe GmbH
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
Load life of 1000hours at 85C
CD13HBH JIANGHAI-CD13HBH Datasheet
681Kb / 7P
4000h at 85C
CD13LPL JIANGHAI-CD13LPL Datasheet
959Kb / 4P
Warranty of 20000h at 85C
CD29UCU JIANGHAI-CD29UCU Datasheet
642Kb / 8P
6000h at 85C
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
1000h at 85C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
2000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
2000h at 85C
logo
United Chemi-Con, Inc.
ELLA500E CHEMI-CON-ELLA500E Datasheet
54Kb / 2P
Low leakage current, 85C
logo
Kemet Corporation
ALS30A473DF025 KEMET-ALS30A473DF025 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 25 V, -40/85C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com