Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD138SWP Datasheet(PDF) 1 Page - Jianghai Europe GmbH

Part # CD138SWP
Description  15000h at 85C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD138SWP Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CD138SWP Datasheet HTML 1Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 2Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 3Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 4Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 5Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 6Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
97
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 138S WP Series
15000h at 85°C
· Longest Life
· High Reliability
· High Ripple Current
· For High Power Inverter
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
15000h
>150000h
5000h
10000h
1000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacitance Change
Within ± 30% of initial value
Within ± 20% of initial
value
Within ± 10% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value Not more than 200% of
specified value
Not more than 130% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
85°C
≤ 1%
U
R
1,4 x I
R
40°C
≤ 1%
U
R
I
R
85°C
0%
U
R
I
R = 0
85°C
IEC 60384
U
R = 0
I
R = 0
85°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement
item
Characteristics
operating Temperature range (°C)
-40 ~ +85
Voltage range (V)
350 ~ 500
Capacitance range (µF)
1500 ~ 12000
Capacitance Tolerance
(20°C, 120Hz)
± 20%
Leakage Current (µA)
After 5 minutes at 20°C application of rated voltage, leakage
current is not more than 0,01CV or 5mA, whichever is smaller
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Less than 0,15
Frequency
50/60Hz 120Hz
300Hz
1kHz
≥10kHz
Coefficient
0,8
1,00
1,10
1,30
1,40
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
45
55
65
75
85
95
CD 138S WP Series
TA (˚C)
IA
–––
IR
2.0
1.5
1.0
0.5
0.0
Lifetime
Multiplier
X16
X8
X4
X2
X1
CD 139 BL
CD 138 PC
longer
life
CD 135 BP
CD 138S WP
longest
life
CD 136 PK
105°C
longer
life
105°C
Multiplier for Ripple Current
Frequency Coefficient
Multiplier for Lifetime
Lifetime Diagram


Similar Part No. - CD138SWP

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
More results

Similar Description - CD138SWP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS60A561KE550 KEMET-ALS60A561KE550 Datasheet
58Kb / 1P
Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C
logo
Jianghai Europe GmbH
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
Load life of 1000hours at 85C
CD13HBH JIANGHAI-CD13HBH Datasheet
681Kb / 7P
4000h at 85C
CD13LPL JIANGHAI-CD13LPL Datasheet
959Kb / 4P
Warranty of 20000h at 85C
CD29UCU JIANGHAI-CD29UCU Datasheet
642Kb / 8P
6000h at 85C
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
1000h at 85C
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
2000h at 85C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
2000h at 85C
logo
United Chemi-Con, Inc.
ELLA500E CHEMI-CON-ELLA500E Datasheet
54Kb / 2P
Low leakage current, 85C
logo
Kemet Corporation
ALS30A473DF025 KEMET-ALS30A473DF025 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS30, 0.047 F, 20%, 25 V, -40/85C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com