Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD138SWP Datasheet(PDF) 2 Page - Jianghai Europe GmbH

Part # CD138SWP
Description  15000h at 85C
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD138SWP Datasheet(HTML) 2 Page - Jianghai Europe GmbH

  CD138SWP Datasheet HTML 1Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 2Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 3Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 4Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 5Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 6Page - Jianghai Europe GmbH CD138SWP Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
98
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 138S WP Series
Ratings for CD
138S WP Series
Customer specific products and adaptions on request.
u
r.DC
(Surge
Voltage)
Code
rated
Capa-
citance
Max ESr
20°C,
120Hz
Typ ESr
20°C,
120Hz
Max
ripple
Current
85°C,
120Hz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
350
(400)
2V
3900
50
25
14,6
64 x 115
4700
40
20
16,9
64 x 130
5600
34
17
19,8
64 x 155
34
17
21,6
77 x 121
6800
28
14
25,0
77 x 143
28
14
26,2
90 x 121
8200
24
12
29,3
77 x 161
24
12
30,1
90 x 137
10000
18
9
35,7
90 x 161
12000
16
8
39,1
90 x 161
400
(450)
2G
2700
76
38
11,5
64 x 100
3300
60
30
14,2
64 x 130
3900
52
26
16,5
64 x 155
52
26
17,2
77 x 121
4700
42
21
18,1
64 x 155
42
21
20,8
77 x 130
5600
36
18
22,7
77 x 143
36
18
23,8
90 x 121
6800
30
15
26,6
77 x 161
30
15
27,4
90 x 137
8200
24
12
32,2
90 x 161
10000
20
10
35,7
90 x 161
450
(500)
2W
2200
92
46
10,4
64 x 100
92
46
11,5
77 x 96
2700
76
38
12,8
64 x 130
3300
60
30
15,2
64 x 155
60
30
15,8
77 x 121
3900
54
27
16,5
64 x 155
54
27
18,0
77 x 121
4700
42
21
20,8
77 x 143
42
21
21,8
90 x 121
5600
36
18
24,2
77 x 161
36
18
24,9
90 x 137
6800
30
15
29,4
90 x 161
8200
24
12
32,2
90 x 161
10000
20
10
36,9
90 x 178
500
(550)
2H
1500
148
74
8,6
64 x 115
1800
132
62
10,0
64 x 130
2200
102
51
11,7
64 x 155
2700
82
41
15,0
77 x 121
3300
68
34
17,5
77 x 143
3900
58
29
20,2
77 x 155
4700
48
24
21,8
90 x 137
5600
40
20
25,3
90 x 161
6800
32
16
29,0
90 x 178



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com