Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C256A-10TCN Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C256A-10TCN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C256A-10TCN
Download  AS7C256A-10TCN Download
File Size   248.58 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 32K X 8 CMOS SRAM (Common I/O)

AS7C256A-10TCN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C256A-10TCN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C256A-10TCN
Download  AS7C256A-10TCN Click to download

File Size   248.58 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 32K X 8 CMOS SRAM (Common I/O)

AS7C256A-10TCN Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C256A-10TCN Product details

Functional description
The AS7C256A is a 5.0V high-performance CMOS 262,144-bit Static Random-Access Memory (SRAM) device organized as 32,768 words × 8 bits. It is designed for memory applications requiring fast data access at low voltage, including PentiumTM, PowerPCTM, and portable computing. Alliance’s advanced circuit design and process techniques permit 5.0V operation without sacrificing performance or operating margins.

Features
• Pin compatible with AS7C256
• Industrial and commercial temperature options
• Organization: 32,768 words × 8 bits
• High speed
    - 10/12/15/20 ns address access time
    - 5, 6, 7, 8 ns output enable access time
• Very low power consumption: ACTIVE
    - 412.5 mW max @ 10 ns
• Very low power consumption: STANDBY
    - 11 mW max CMOS I/O
• Easy memory expansion with CE and OE inputs
• TTL-compatible, three-state I/O
• 28-pin JEDEC standard packages
    - 300 mil SOJ
    - 8 × 13.4 mm TSOP 1
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA
• 2.0V Data retention




Similar Part No. - AS7C256A-10TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256 ALSC-AS7C256 Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10 ALSC-AS7C256-10 Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10JC ALSC-AS7C256-10JC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10PC ALSC-AS7C256-10PC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10SC ALSC-AS7C256-10SC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
More results


Similar Description - AS7C256A-10TCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com