Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256UID Datasheet (PDF) - Microchip Technology

24AA256UID Datasheet PDF - Microchip Technology
Part # 24AA256UID
Download  24AA256UID Download
File Size   575.19 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C??Serial EEPROM

24AA256UID Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA256UID Datasheet PDF - Microchip Technology

Part # 24AA256UID
Download  24AA256UID Click to download

File Size   575.19 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C??Serial EEPROM

24AA256UID Datasheet (HTML) - Microchip Technology


24AA256UID Product details

Description
The Microchip Technology Inc. 24AA256UID is a 32K x 8 (256 Kbit) Serial Electrically Erasable PROM with pre-programmed EUI-48 and EUI-64 node addresses and a 32-bit Unique ID, capable of operation across a broad voltage range (1.7V to 5.5V). This device also has a page write capability of up to 64 bytes of data. This device is available in the standard 8-pin plastic DIP, SOIC and TSSOP packages.

Features
• Pre-Programmed 32-Bit Serial Number:
   - Unique across all UID-family EEPROMs
   - Scalable to 48-bit, 64-bit, 128-bit, 256-bit,
      and other lengths
• Pre-Programmed Globally Unique, 48-bit or 64-bit
   Node Address:
   - Compatible with EUI-48™ and EUI-64™
• Codes Stored in Permanently Write-Protected
   Upper 1/8th of EEPROM Array
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
   - Active current 400 µA, typical
   - Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms Maximum
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• ESD Protection >4000V
• More than One Million Erase/Write Cycles
• Data Retention >200 years
• Packages Include 8-lead PDIP, SOIC and TSSOP
• RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C




Similar Part No. - 24AA256UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24AA256 MICROCHIP-24AA256 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24AA256 MICROCHIP-24AA256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
More results


Similar Description - 24AA256UID

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256 MICROCHIP-24AA256_V01 Datasheet
1Mb / 42P
256K I2C Serial EEPROM
Revision W 08/2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com