Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256UID Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA256UID
Description  256K I2C??Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256UID Datasheet(HTML) 1 Page - Microchip Technology

  24AA256UID Datasheet HTML 1Page - Microchip Technology 24AA256UID Datasheet HTML 2Page - Microchip Technology 24AA256UID Datasheet HTML 3Page - Microchip Technology 24AA256UID Datasheet HTML 4Page - Microchip Technology 24AA256UID Datasheet HTML 5Page - Microchip Technology 24AA256UID Datasheet HTML 6Page - Microchip Technology 24AA256UID Datasheet HTML 7Page - Microchip Technology 24AA256UID Datasheet HTML 8Page - Microchip Technology 24AA256UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2013 Microchip Technology Inc.
DS20005215A-page 1
24AA256UID
Device Selection Table
Features:
• Pre-Programmed 32-Bit Serial Number:
- Unique across all UID-family EEPROMs
- Scalable to 48-bit, 64-bit, 128-bit, 256-bit,
and other lengths
• Pre-Programmed Globally Unique, 48-bit or 64-bit
Node Address:
- Compatible with EUI-48™ and EUI-64™
• Codes Stored in Permanently Write-Protected
Upper 1/8th of EEPROM Array
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
- Active current 400 uA, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms Max.
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• ESD Protection >4000V
• More than One Million Erase/Write Cycles
• Data Retention >200 years
• Packages Include 8-lead PDIP, SOIC and TSSOP
• RoHS Compliant
• Temperature Ranges:
Description:
The Microchip Technology Inc. 24AA256UID is a 32K x
8 (256 Kbit) Serial Electrically Erasable PROM with
pre-programmed EUI-48 and EUI-64 node addresses
and a 32-bit Unique ID, capable of operation across a
broad voltage range (1.7V to 5.5V). This device also
has a page write capability of up to 64 bytes of data.
This device is available in the standard 8-pin plastic
DIP, SOIC and TSSOP packages.
Block Diagram
Package Types
Part Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
Page
Size
EUI-48™
EUI-64™
Unique ID
Length
24AA256UID
1.7-5.5V
400 kHz(1)
I
64-byte
Yes
Yes
32-bit
Note 1:
100 kHz for VCC < 2.5V.
- Industrial (I):
-40
C to +85C
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1A2
SDA
SCL
VCC
VSS
A0
A1
A2
VSS
VCC
NC
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
SOIC/TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
256K I2C™ Serial EEPROM with EUI-48™, EUI-64™ and
Unique 32-Bit Serial Number


Similar Part No. - 24AA256UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24AA256 MICROCHIP-24AA256 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24AA256 MICROCHIP-24AA256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
More results

Similar Description - 24AA256UID

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256 MICROCHIP-24AA256_V01 Datasheet
1Mb / 42P
256K I2C Serial EEPROM
Revision W 08/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com