Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256UID Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA256UID
Description  256K I2C??Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256UID Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA256UID Datasheet HTML 9Page - Microchip Technology 24AA256UID Datasheet HTML 10Page - Microchip Technology 24AA256UID Datasheet HTML 11Page - Microchip Technology 24AA256UID Datasheet HTML 12Page - Microchip Technology 24AA256UID Datasheet HTML 13Page - Microchip Technology 24AA256UID Datasheet HTML 14Page - Microchip Technology 24AA256UID Datasheet HTML 15Page - Microchip Technology 24AA256UID Datasheet HTML 16Page - Microchip Technology 24AA256UID Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2013 Microchip Technology Inc.
DS20005215A-page 13
24AA256UID
FIGURE 9-2:
SERIAL NUMBER PHYSICAL MEMORY MAP EXAMPLE
9.2
EUI-48 Node Address
The 6-byte EUI-48 node address value is stored in
array locations 0x7F7A through 0x7F7F, as shown in
Figure 9-3.
The
first
three
bytes
are
the
Organizationally Unique Identifier (OUI) assigned to
Microchip by the IEEE Registration Authority. Currently,
Microchip’s OUIs are 0x0004A3 and 0x001EC0,
though this will change as addresses are exhausted.
The remaining three bytes are the Extension Identifier,
and are generated by Microchip to ensure a globally
unique, 48-bit value.
9.3
EUI-64 Node Address
The 8-byte EUI-64 node address value is stored in
array locations 0x7FB8 through 0x7FBF, as shown in
Figure 9-4.
The
first
three
bytes
are
the
Organizationally Unique Identifier (OUI) assigned to
Microchip by the IEEE Registration Authority. Currently,
Microchip’s OUIs are 0x0004A3 and 0x001EC0,
though this will change as addresses are exhausted.
The remaining five bytes are the Extension Identifier,
and are generated by Microchip to ensure a globally
unique, 64-bit value.
FIGURE 9-3:
EUI-48 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE
7FFAh
7FFFh
Manufacturer
Code
32-bit Serial Number
29h
Description
Data
Array
Address
48h
12h
34h
56h
78h
Device
Code
Serialized
Fixed
Type
7FFBh
7FFCh
7FFDh
7FFEh
Note:
In conformance with IEEE guidelines,
Microchip will not use the values 0xFFFE
and 0xFFFF for the first two bytes of the
EUI-64 Extension Identifier. These two
values are specifically reserved to allow
applications
to
encapsulate
EUI-48
addresses into EUI-64 addresses.
7F7Ah
7F7Fh
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-48™ Node Address: 00-04-A3-12-34-56
Description
Data
Array
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com