Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1712 Datasheet (PDF) - Maxim Integrated Products

MAX1712 Datasheet PDF - Maxim Integrated Products
Part # MAX1712
Download  MAX1712 Download
File Size   437.0 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs

MAX1712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1712 Datasheet PDF - Maxim Integrated Products

Part # MAX1712
Download  MAX1712 Click to download

File Size   437.0 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs

MAX1712 Datasheet (HTML) - Maxim Integrated Products


MAX1712 Product details

General Description

The MAX1710/MAX1711 step-down controllers are intended for core CPU DC-DC converters in notebook
computers. They feature a triple-threat combination of ultra-fast transient response, high DC accuracy, and
high efficiency needed for leading-edge CPU core power supplies. Maxim’s proprietary Quick-PWM™ quick-response, constant-on-time PWM control scheme handles wide input/output voltage ratios with ease and
provides 100ns “instant-on” response to load transients while maintaining a relatively constant switching frequency.



Features

♦ Ultra-High Efficiency

♦ No Current-Sense Resistor (Lossless ILIMIT)

♦ Quick-PWM with 100ns Load-Step Response

♦ ±1% VOUTAccuracy over Line and Load

♦ 4-Bit On-Board DAC (MAX1710)

♦ 5-Bit On-Board DAC (MAX1711/MAX1712)

♦ 0.925V to 2V Output Adjust Range(MAX1711/MAX1712)

♦ 2V to 28V Battery Input Range

♦ 200/300/400/550kHz Switching Frequency

♦ Remote GND and VOUTSensing

♦ Over/Undervoltage Protection

♦ 1.7ms Digital Soft-Start

♦ Drive Large Synchronous-Rectifier FETs

♦ 2V ±1% Reference Output

♦ Power-Good Indicator

♦ Small 24-Pin QSOP Package



Applications

    Notebook Computers

    Docking Stations

    CPU Core DC-DC Converters

    Single-Stage (BATT to VCORE)Converters

    Two-Stage (+5V to VCORE) Converters




Similar Part No. - MAX1712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17120 MAXIM-MAX17120 Datasheet
1Mb / 4P
Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
MAX17120 MAXIM-MAX17120 Datasheet
38Kb / 5P
120 SAN GABRIEL DR. SUNNYVALE, CA 94086
2009
MAX17120EVKIT MAXIM-MAX17120EVKIT Datasheet
1Mb / 4P
Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
MAX17120EVKIT+ MAXIM-MAX17120EVKIT+ Datasheet
1Mb / 4P
Three High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
MAX17121 MAXIM-MAX17121 Datasheet
1Mb / 4P
Two High-Voltage, Level-Shifting Scan Drivers
Rev 0; 8/09
More results


Similar Description - MAX1712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
Programmable Output High-Speed Step-Down Controller for Notebook Computer
G5601A GMT-G5601A Datasheet
66Kb / 1P
High-Speed Step-Down Controller with LDO Controller for Notebook Computer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com