Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2210PVC-3 Datasheet (PDF) - Cypress Semiconductor

CY2210PVC-3 Datasheet PDF - Cypress Semiconductor
Part # CY2210PVC-3
Download  CY2210PVC-3 Download
File Size   129.35 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support

CY2210PVC-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2210PVC-3 Datasheet PDF - Cypress Semiconductor

Part # CY2210PVC-3
Download  CY2210PVC-3 Click to download

File Size   129.35 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support

CY2210PVC-3 Datasheet (HTML) - Cypress Semiconductor


CY2210PVC-3 Product details

Features
• Mixed 2.5V and 3.3V Operation
• Compliant to Intel® CK133 (CY2210-3) & CK133W
   (CY2210-2) synthesizer and driver specification
• Multiple output clocks at different frequencies
   — Four CPU clocks, up to 133 MHz
   — Eight synchronous PCI clocks, 1 free-running
   — Two CPU/2 clocks, at one-half the CPU frequency
   — Four AGP clocks at 66 MHz
   — Three synchronous APIC clocks, at 16.67 MHz
   — One USB clock at 48 MHz
   — Two reference clocks at 14.318 MHz
• Spread Spectrum clocking
   — 32.5-kHz modulation frequency @ 133 MHz
   — 33.1-kHz modulation frequency @ 100 MHz for CY2210-02/03
   — 33.4-kHz modulation frequency @ 100 MHz for CY2210-04
   — EPROM programmable percentage of spreading. Default is –0.6%, which is recommended by Intel
• Power-down features
• Three Select inputs
• Low-skew and low-jitter outputs
• OE and Test Mode support
• 56-pin SSOP package




Similar Part No. - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2210PVC-3 SPECTRALINEAR-CY2210PVC-3 Datasheet
187Kb / 10P
133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Similar Description - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com