Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2210PVC-3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2210PVC-3
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2210PVC-3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2210PVC-3 Datasheet HTML 1Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 2Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
133-MHz Spread Spectrum Clock Synthesizer/Driver
with AGP, USB, and DRCG Support
CY2210
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07204 Rev. *A
Revised December 14, 2002
0
Features
Benefits
• Mixed 2.5V and 3.3V Operation
• Compliant to Intel® CK133 (CY2210-3) & CK133W
(CY2210-2) synthesizer and driver specification
Usable with Pentium® II and Pentium® III processors
• Multiple output clocks at different frequencies
— Four CPU clocks, up to 133 MHz
— Eight synchronous PCI clocks, 1 free-running
— Two CPU/2 clocks, at one-half the CPU frequency
— Four AGP clocks at 66 MHz
— Three synchronous APIC clocks, at 16.67 MHz
— One USB clock at 48 MHz
— Two reference clocks at 14.318 MHz
Single-chip main motherboard clock generator
— Driven together, support 4 CPUs and a chipset
— Support for 4 PCI slots and chipset
— Drives up to two main memory clock generators, includ-
ing DRCG (CPUCLK/2)
— Support for multiple AGP slots
— Support multiprocessing systems
— Supports USB frequencies and I/O chip
• Spread Spectrum clocking
— 32.5-kHz modulation frequency @ 133 MHz
— 33.1-kHz modulation frequency @ 100 MHz for
CY2210-02/03
— 33.4-kHz modulation frequency @ 100 MHz for
CY2210-04
— EPROM programmable percentage of spreading.
Default is –0.6%, which is recommended by Intel
Enables reduction of EMI in some systems
• Power-down features
Supports mobile systems
• Three Select inputs
Supports up to eight CPU clock frequencies
• Low-skew and low-jitter outputs
Meets tight system timing requirements at high frequency
• OE and Test Mode support
Enables ATE and “bed of nails” testing
• 56-pin SSOP package
Widely available, standard package enables lower cost
Intel and Pentium are registered trademarks of Intel Corporation.
Logic Block Diagram
EPROM
XTALOUT
XTALIN
APICCLK [0–2] (16.67 MHz)
14.318
MHz
OSC.
PCICLK_F (33.33 MHz)
SEL1
CPU
PLL
REFCLK [0–1] (14.318 MHz)
CPUCLK [0–3]
PCICLK [1–7] (33.33 MHz)
SYS
PLL
USBCLK (48 MHz)
CPU_STOP
PCI_STOP
SEL0
SEL133
CPUCLK/2 [0–1] (DRCG)
Divider,
EPROM-
ProgDelay
and
Stop Logic
PWR_DWN
AGPCLK [0–3] (66.67 MHz)
SPREAD
SSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VSSREF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
REFCLK0
REFCLK1
VDDREF
25
26
27
28
49
52
51
50
53
56
55
54
VDDPCI
PCICLK6
VDDAGP
VDDUSB
SPREAD
VSSCPU
VDDCPU
APICCLK0
VSSPCI
PCICLK5
VSSAGP
AGPCLK3
PCI_STOP
VDDCPU
CPUCLK/2
VDDAPIC
XTALIN
XTALOUT
PCICLK_F
PCICLK1
PCICLK2
PCICLK3
VSSPCI
PCICLK4
VDDPCI
PCICLK7
VSSPCI
AGPCLK0
AGPCLK1
VSSAGP
AGPCLK2
SEL1
SEL0
PWR_DWN
CPU_STOP
AVSS
AVDD
CPUCLK0
CPUCLK1
VSSCPU
CPUCLK2
CPUCLK3
VSSCPU/2
CPUCLK/2
VDDCPU/2
VSSAPIC
APICCLK1
APICCLK2
VDDAGP
SEL133
USBCLK
VSSUSB
(DRCG)
(DRCG)
Pin Configuration


Similar Part No. - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2210PVC-3 SPECTRALINEAR-CY2210PVC-3 Datasheet
187Kb / 10P
133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results

Similar Description - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
SpectraLinear Inc
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com