Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2210PVC-3 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2210PVC-3
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2210PVC-3 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2210PVC-3 Datasheet HTML 1Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 2Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2210PVC-3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY2210
Document #: 38-07204 Rev. *A
Page 3 of 10
Notes:
2.
TCLK is a test clock driven in on the XTALIN input in test mode.
3.
Only CY2210-2 supports this option. In CY2210-3, this selection is defined as “N/A” or “Reserved”.
Function Table[2]
SEL133
SEL1
SEL0
CPUCLK
(MHz)
CPUCLK/2
(MHz)
AGPCLK
(MHz)
PCICLK
(MHz)
USBCLK
(MHz)
REFCLK
(MHz)
APICCLK
(MHz)
0
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
1
100.227[3]
50.114[3]
66.818[3]
33.409[3]
48.008[3]
14.318[3]
16.705[3]
0
1
0
100
50
66.67
33.33
OFF
14.318
16.67
0
1
1
100
50
66.67
33.33
48
14.318
16.67
1
0
0
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
1
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1
1
0
133.33
66.67
66.67
33.33
OFF
14.318
16.67
1
1
1
133.33
66.67
66.67
33.33
48
14.318
16.67
Actual Clock Frequency Values
Clock
Output
Target
Frequency
(MHz)
Actual
Frequency
(MHz)
PPM
-2
-3
-4
-2
-3
-4
-2
-3
-4
CPUCLK
100.0
100.0
100.0
99.126
99.126
100.227
–8740
–8740
+2714
CPUCLK
133.33
133.33
133.33
132.769
132.769
132.769
–4208
–4208
–4208
USBCLK
48.0
48.0
48.0
48.008
48.008
48.008
167
167
167
Clock Enable Configuration
CPU_STOP
PWR_DWN
PCI_STOP
CPUCLK
CPUCLK/2
AGP
PCI
PCI_F
REF
APIC
OSC.
VCOs
X
0
X
LOW
LOW
LOW
LOW
LOW
LOW
OFF
OFF
0
1
0
LOW
ON
LOW
LOW
ON
ON
ON
ON
0
1
1
LOW
ON
LOW
ON
ON
ON
ON
ON
1
1
0
ON
ON
ON
LOW
ON
ON
ON
ON
1
1
1
ON
ON
ON
ON
ON
ON
ON
ON
Clock Driver Impedances
Impedance
Buffer Name
VDD Range
Buffer Type
Minimum
Ω
Typical
Ω
Maximum
Ω
CPU, CPU/2, APIC
2.375–2.625
Type 1
13.5
29
45
USB, REF
3.135–3.465
Type 3
20
40
60
PCI, AGP
3.135–3.465
Type 5
12
30
55



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com