Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9153A Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9153A Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9153A
Download  SC9153A Download
File Size   173.1 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ELECTRONIC VOLUME CONTROLLER

SC9153A Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9153A Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9153A
Download  SC9153A Click to download

File Size   173.1 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ELECTRONIC VOLUME CONTROLLER

SC9153A Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9153A Product details

DESCRIPTION

The SC9153A is CMOS IC which has been designed for electronization volume control of audio equipment,etc.



FEATURES

*Wide operating voltage range(VDD=6V ~ 12V)

*Low current comsumption .

*Attenuation can be controlled from 0dB to –66dB by 2dB/step

*Both of dual power suppliers of (+) and (-) and a single power supply can be used.

*Be capable of controlling attenuation by means of the built-in oscillator and the up/down terminals.




Similar Part No. - SC9153A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
INFRARED REMOTE CONTROL RECEIVER
More results


Similar Description - SC9153A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
logo
SamHop Microelectronics...
SM7153 SAMHOP-SM7153 Datasheet
70Kb / 9P
ELECTRONIC VOLUME CONTROLLER
logo
List of Unclassifed Man...
TC9185P ETC1-TC9185P Datasheet
1Mb / 18P
ELECTRONIC VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com