Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY448Z Datasheet (PDF) - Diode Semiconductor Korea

BY448Z Datasheet PDF - Diode Semiconductor Korea
Part # BY448Z
Download  BY448Z Download
File Size   284.81 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description FAST RECOVERY RECTIFIER

BY448Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448Z Datasheet PDF - Diode Semiconductor Korea

Part # BY448Z
Download  BY448Z Click to download

File Size   284.81 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description FAST RECOVERY RECTIFIER

BY448Z Datasheet (HTML) - Diode Semiconductor Korea


BY448Z Product details

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - BY448Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
More results


Similar Description - BY448Z

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com