Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2505TR Datasheet (PDF) - Dallas Semiconductor

DS2505TR Datasheet PDF - Dallas Semiconductor
Part # DS2505TR
Download  DS2505TR Download
File Size   525.27 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 16-kbit Add-Only Memory

DS2505TR Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2505TR Datasheet PDF - Dallas Semiconductor

Part # DS2505TR
Download  DS2505TR Click to download

File Size   525.27 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 16-kbit Add-Only Memory

DS2505TR Datasheet (HTML) - Dallas Semiconductor


DS2505TR Product details

OVERVIEW

The block diagram in Figure 1 shows the relationships between the major control and memory sections of the DS2505. The DS2505 has three main data components: 1) 64-bit lasered ROM, 2) 16384-bits EPROM Data Memory, and 3) 704 bits EPROM Status Memory.



FEATURES

16384 bits Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground

Unique, factory-lasered and tested 64-bit registration number (8-bit family code +48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike

Built-in multidrop controller ensures compatibility with other 1-WireNet products

EPROM partitioned intosixty-four 256-bit pages for randomly accessing packetized data records

Each memory page can be permanently write protected to prevent tampering

Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data

Architecture allows software to patch data by superseding an old page in favor of a newly programmed page

Reduces control, address, data, power, and programming signals to a single data pin

Directly connects to a single port pin of a microprocessor and communicates at up to 16.3 kbits per second

8-bit family code specifies DS2505 communications requirements to reader

Presence detector acknowledges when the reader first applies voltage

Low cost TO-92 or 6-pin TSOC surface mount package

Reads over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C; programs at 11.5V to 12.0V from -40°C to +50°C



 




Similar Part No. - DS2505TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505 Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2505+ MAXIM-DS2505+ Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2505+TR MAXIM-DS2505+TR Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
logo
Dallas Semiconductor
DS2505-UNW DALLAS-DS2505-UNW Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
More results


Similar Description - DS2505TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2502-UN DALLAS-DS2502-UN Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com