Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360Q Datasheet (PDF) - Diodes Incorporated

ZXLD1360Q Datasheet PDF - Diodes Incorporated
Part # ZXLD1360Q
Download  ZXLD1360Q Download
File Size   724.41 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 30V 1A LED DRIVER

ZXLD1360Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1360Q Datasheet PDF - Diodes Incorporated

Part # ZXLD1360Q
Download  ZXLD1360Q Click to download

File Size   724.41 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE GRADE 30V 1A LED DRIVER

ZXLD1360Q Datasheet (HTML) - Diodes Incorporated


ZXLD1360Q Product details

Description
The ZXLD1360Q is a continuous mode inductive step-down converter with integrated switch and high side current sense.
It operates from an input supply from 7V to 30V driving single or multiple series connected LEDs efficiently externally adjustable output current up to 1mA.
The output current can be adjusted by applying a DC voltage or a PWM waveform to the ADJ pin; 100:1 adjustment of output current is possible using PWM control. Applying 0.2V or lower to the ADJ pin turns the output off and switches the device into a low current standby state.
The ZXLD1360Q has been qualified to AEC-Q100 Grade 1 and is Automotive Grade supporting PPAPs.

Features
● Simple low parts count
● Single pin on/off and brightness control using DC voltage or PWM
● High efficiency (up to 95%)
● Wide input voltage range: 7V to 30V
● 40V transient capability
● Up to 1MHz switching frequency
● Typical 4% output current accuracy
● Available in thermally enhanced Green molding packages
   ▪ TSOT25 θJA = +82°C/W
   ▪ Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
   ▪ Halogen and Antimony Free. “Green” Device (Note 3)
● Automotive Grade
   ▪ Qualified to AEC-Q100 Grade 1
   ▪ Supports PPAP documents (Note 4)




Similar Part No. - ZXLD1360Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
logo
Zetex Semiconductors
ZXLD1360ET5TA ZETEX-ZXLD1360ET5TA Datasheet
716Kb / 28P
1A LED driver with internal switch
More results


Similar Description - ZXLD1360Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
AL8806Q DIODES-AL8806Q Datasheet
661Kb / 13P
HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
ZXLD1356Q DIODES-ZXLD1356Q Datasheet
1Mb / 28P
AUTOMOTIVE GRADE 60V 550mA LED DRIVER
Rev 2
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
30V 1A BUCK LED DRIVER
Rev 5
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
logo
Diodes Incorporated
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com