Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5394-KS Datasheet (PDF) - Cirrus Logic

CS5394-KS Datasheet PDF - Cirrus Logic
Part # CS5394-KS
Download  CS5394-KS Download
File Size   422.78 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 117 DB 48KHZ AUDIO A/D CONVERTER

CS5394-KS Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5394-KS Datasheet PDF - Cirrus Logic

Part # CS5394-KS
Download  CS5394-KS Click to download

File Size   422.78 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 117 DB 48KHZ AUDIO A/D CONVERTER

CS5394-KS Datasheet (HTML) - Cirrus Logic


CS5394-KS Product details

Description

The CS5394 is a complete analog-to-digital converter for stereo digital audio systems. It performs sampling, analog-to-digital conversion and anti-alias filtering, generating 24-bit values for both left and right inputs in serial form. The output sample rate can be up to 50 kHz per channel.

The CS5394 uses 7th-order, delta-sigma modulation with 64× oversampling followed by digital filtering and decimation, which removes the need for an external antialias filter. The ADC uses a differential architecture which provides excellent noise rejection.



Features

• 24-Bit Conversion

• Complete CMOS Stereo A/D System

   — Delta-Sigma A/D Converters

   — Digital Anti-Alias Filtering

   — S/H Circuitry and Voltage Reference

• Adjustable System Sampling Rates

   — including 32 kHz, 44.1 kHz and 48 kHz

• 117 dB Dynamic Range (A-Weighted)

• -103 dB THD + N

• Differential Analog Circuitry

• Internal 64× Oversampling

• Linear Phase Digital Anti-Alias Filtering

   — with >117 dB Stopband Attenuation

• Single +5 V Power Supply

• Power Down Mode



 




Similar Part No. - CS5394-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5396-KS CIRRUS-CS5396-KS Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5397 CIRRUS-CS5397 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5397-KS CIRRUS-CS5397-KS Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
More results


Similar Description - CS5394-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
120 dB, 96 kHZ Audio A/D Converter
CS5340 CIRRUS-CS5340 Datasheet
436Kb / 24P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
logo
Asahi Kasei Microsystem...
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
digital audio 24bit 48kHz A/D converter,
AKD5366VR-A AKM-AKD5366VR-A Datasheet
1Mb / 32P
digital audio 24bit 48kHz A/D converter
logo
Cirrus Logic
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com