Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet (PDF) - Cirrus Logic

CS5397 Datasheet PDF - Cirrus Logic
Part # CS5397
Download  CS5397 Download
File Size   1050.44 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 120 dB, 96 kHZ Audio A/D Converter

CS5397 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5397 Datasheet PDF - Cirrus Logic

Part # CS5397
Download  CS5397 Click to download

File Size   1050.44 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 120 dB, 96 kHZ Audio A/D Converter

CS5397 Datasheet (HTML) - Cirrus Logic


CS5397 Product details

General Description

The CS5396 and CS5397 are complete analog-to-digital converters for stereo digital audio systems. They perform sampling, analog-to-digital conversion and antialias filtering, generating 24-bit values for both left and right inputs in serial form at sample rates up to 100 kHz per channel.



Features

24-Bit Conversion

120 dB Dynamic Range (A-Weighted)

Low Noise and Distortion

  >105 dB THD + N

Complete CMOS Stereo A/D System

  Delta-Sigma A/D Converters

  Digital Anti-Alias Filtering

  S/H Circuitry and Voltage Reference

CS5396 - digital filter optimized for audio

CS5397 - non-aliasing digital filter

Adjustable System Sampling Rates including 32, 44.1, 48 & 96 kHz

Differential Analog Architecture

Linear Phase Digital Anti-Alias Filtering

10 Tap Programmable Psychoacoustic Noise Shaping Filter

Single +5 V Power Supply




Similar Part No. - CS5397

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5394 CIRRUS-CS5394 Datasheet
422Kb / 22P
117 DB 48KHZ AUDIO A/D CONVERTER
CS5394-KS CIRRUS-CS5394-KS Datasheet
422Kb / 22P
117 DB 48KHZ AUDIO A/D CONVERTER
CS5394KS CIRRUS-CS5394KS Datasheet
422Kb / 22P
117 DB 48KHZ AUDIO A/D CONVERTER
More results


Similar Description - CS5397

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5343 CIRRUS-CS5343 Datasheet
370Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
98 dB, 96 kHz, Multi-Bit Audio A/D Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com