Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5397 Datasheet HTML 1Page - Cirrus Logic CS5397 Datasheet HTML 2Page - Cirrus Logic CS5397 Datasheet HTML 3Page - Cirrus Logic CS5397 Datasheet HTML 4Page - Cirrus Logic CS5397 Datasheet HTML 5Page - Cirrus Logic CS5397 Datasheet HTML 6Page - Cirrus Logic CS5397 Datasheet HTML 7Page - Cirrus Logic CS5397 Datasheet HTML 8Page - Cirrus Logic CS5397 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
CS5396 CS5397
4
DS229PP2
ANALOG CHARACTERISTICS (T
A = 25°C; VA, VL,VD = 5V; Full-scale Input Sinewave, 997 Hz;
Analog connections as shown in Figure 1; Measurement Bandwidth is 20 Hz to 20 kHz unless otherwise specified;
Logic 0 = 0V, Logic 1 = VD;
Notes: 1. Referenced to typical full-scale differential input voltage (4.0 Vpp).
2. Specified for a fully differential input ±{(AINR+)-(AINR-)}.The ADC accepts input voltages up to the
analog supplies (VA and AGND). Full-scale outputs will be produced for differential inputs beyond
VIN.
* Refer to Parameter Definitions at the end of this data sheet.
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Units
Dynamic Performance
Dynamic Range
MCLK equal to 24.576 MHz
Fs = 48 kHz in 128x Oversampling Mode
(A-weighted)
Fs = 48 kHz in 128x mode
Fs = 96 kHz in 64x mode
(A-weighted)
Fs = 96 kHz in 64x mode
(40 kHz Bandwidth)
MCLK equal to 12.288 MHz
Fs = 48 kHz in 64x mode
(A-weighted)
Fs = 48 kHz in 64x mode
TBD
TBD
TBD
TBD
TBD
TBD
120
117
120
114
117
114
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion + Noise
Fs = 48 kHz in 128x mode
-1 dB (Note 1)
-20 dB (Note 1)
-60 dB (Note 1)
Fs = 96 kHz in 64x mode
-1 dB (Note 1)
(40 kHz bandwidth)
-20 dB (Note 1)
-60 dB (Note 1)
Fs = 48 kHz in 64x mode
-1 dB (Note 1)
-20 dB (Note 1)
-60 dB (Note 1)
THD+N
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
105
97
57
105
97
57
105
97
57
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion
-1 dB (Note 1)
THD
TBD
0.00056
-
%
Interchannel Phase Deviation
-
0.0001
-
deg
Interchannel Isolation
-
120
-
dB
Dynamic Range Performance Drift
(following calibration)
-
0.05
-
dB/°C
dc Accuracy
Interchannel Gain Mismatch
-
0.05
-
dB
Gain Error
-
±5TBD
%
Gain Drift
-
±100
-
ppm/
°C
Offset Error (With high pass filter enabled)
-
0
-
LSB
Analog Input
Full-scale Differential Input Voltage
(Note 2)
VIN
TBD
4
TBD
Vpp
Input Impedance
Differential
Common-mode
ZIN
-
-
4.5
TBD
-
-
k
Ω
k
Ω
Common-Mode Rejection Ratio
CMRR
-
82
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com