Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 8Page - Cirrus Logic CS5397 Datasheet HTML 9Page - Cirrus Logic CS5397 Datasheet HTML 10Page - Cirrus Logic CS5397 Datasheet HTML 11Page - Cirrus Logic CS5397 Datasheet HTML 12Page - Cirrus Logic CS5397 Datasheet HTML 13Page - Cirrus Logic CS5397 Datasheet HTML 14Page - Cirrus Logic CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
CS5396 CS5397
12
DS229PP2
GENERAL DESCRIPTION
The CS5396/97 is a 24-bit, stereo A/D converter
designed for stereo digital audio applications. The
analog input channels are simultaneously sampled
by separate, patented, 7th-order tri-level delta-sig-
ma modulators at either 128 or 64 times the output
sample rate (64
× Fs or 128× Fs) of the device. The
resulting serial bit streams are digitally filtered,
yielding pairs of 24-bit values at output sample
rates (Fs) of up to 100 kHz. This technique yields
nearly ideal conversion performance independent
of input frequency and amplitude. The converter
does not require difficult-to-design or expensive
anti-alias filters, and it does not require external
sample-and-hold amplifiers or voltage references.
Only normal power supply decoupling compo-
nents, voltage reference bypass capacitors and a
single resistor and capacitor on each input for anti-
aliasing are required, as shown in Figure 1. An on-
chip voltage reference provides for a differential
input signal range of 4.0 Vpp. The device also con-
tains a high pass filter, implemented digitally after
the decimation filter, to completely eliminate any
internal offsets in the converter or any offsets
present at the input circuitry to the device. Output
data is available in serial form, coded as 2’s com-
plement 24-bit numbers. For more information on
delta-sigma modulation techniques see the refer-
ences at the end of this data sheet.
Stand-Alone vs. Control Port Mode
The CS5396/97 can operate in either Stand-Alone
or Control Port Mode. The functionality of pins 17,
18 and 19 is established upon entering either the
Stand-Alone or Control Port mode, as described in
the Pin Description section.
The Control Port Mode requires a micro-controller
and allows access to many additional features,
which include:
•
128
× Oversampling Mode
•
Reduction of 24-bit data to 20, 18 or 16-bit data
with psychoacoustically optimized dither
•
Programmability of psychoacoustic filter coef-
ficients
•
Peak Input Signal Level Monitor with either
High Resolution or Bar Graph mode selection
•
Signal inversion
•
High pass filter defeat
•
Mute
•
Access to the digital filter to allow the input of
external digital audio data to produce a two-to-
one decimated output and/or psychoacoustic bit
reduction.
STAND-ALONE MODE
Master Clock - Stand-Alone Mode
The master clock is the clock source for the delta-
sigma modulator sampling (MCLKA) and digital
filters (MCLKD). The required MCLKA/D fre-
quency is determined by the desired Fs and must be
256
× Fs. Table 1 shows some common master
clock frequencies.
Table 1. Common Clock Frequencies for Stand-Alone
Mode
Serial Data Interface - Stand-Alone Mode
The CS5396/97 supports two serial data formats
which are selected via the digital format select pin,
DFS. The digital output format determines the rela-
tionship between the serial data, left/right clock and
serial clock. Figures 2 and 3 detail the interface for-
LRCK
(kHz)
MCLKA/D
(MHz)
SCLK
(MHz)
32
8.192
2.048
44.1
11.2896
2.822
48
12.288
3.072
64
16.384
4.096
88.2
22.5792
5.6448
96
24.576
6.144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com